Part Number Hot Search : 
T144AP ISL62 L15PF CLT6181 1078096 ONTROL HER806 DRD48R20
Product Description
Full Text Search
 

To Download T20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT QUARTZ CRYSTAL UNIT
SERIES T20
FEATURES LOW PROFILE (2.0mm MAX HEIGHT) TIGHTER TOLERANCE AVAILABLE WIDE FREQUENCY RANGE
SPECIFICATIONS
FREQUENCY RANGE MODE OF OSCILLATION CRYSTAL CUT FREQUENCY TOLERANCE AT 25C FREQUENCY STABILITY OVER TEMPERATURE RANGE OPERATING TEMPERATURE RANGE STORAGE TEMPERATURE RANGE AGING LOAD CAPACITANCE EQUIVALENT SERIES RESISTANCE (ESR) DRIVE LEVEL REFLOW CONDITIONS 3.579 MHz TO 60.00 MHz FUNDAMENTAL OR THIRD OVERTONE AT OR BT 50, 100 PPM (STANDARD) 50, 100 PPM (STANDARD) STANDARD EXTENDED -10C TO +60C -40C TO +85C -55C TO +105C 5 PPM PER YEAR MAX SERIES TO 32 pF SEE TABLE 100 uW TYPICAL 240C FOR 10 s MAX 25.000 - 40.000 30.000 - 60.000 40 100 BT FUND AT 3rd OT 7.000 - 14.900 15.000 - 23.900 24.000 - 36.000 50 40 30 AT FUND AT FUND AT FUND 3.579 - 4.000 4.000 - 4.900 5.000 - 6.900 FREQUENCY (MHz) ESR (OHM) MAX 180 150 100 MODE
AT FUND AT FUND AT FUND
OUTLINE DRAWING
Scale none Dimension in
12.0 0.30 .47 .012
CARRIER TAPE DIMENSIONS
o1.5 0.1 o.060 .004 2.0 0.1 .079 .004 4.0 0.1 .157 .004
MARKING AREA
11.5 0.1 1.75 0.1 .453 .004 .069 .004
mm inch
10.70 .421 5.08 .20
o2.2 0.1 o.070 .004
12.0 0.1 .472 .004
5.2 0.1 .205 .004
REFLOW SOLDERING PROFILE
2.0 .079 7.48 .294 5.08 .20 1.0 .039
2.4 .094
PACKAGING 250mm REEL DIAMETER 24mm TAPE WIDTH, 12mm PITCH QUANTITY: 1000 PIECES PER REEL EXAMPLE: T20-3.579545-18-EXT
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A. Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
.945 .031
24.0 0.8


▲Up To Search▲   

 
Price & Availability of T20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X